Part Number Hot Search : 
L4941BDT CA316202 74HCT14 MX25V AT54A LM339ST SA702 MPW160K
Product Description
Full Text Search
 

To Download EP4820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Subminiature RF Inductors
ELECTRONICS INC.
EP48XX
* For PC Mounted Applications * Meets MIL-C-15305 Grade 1, Class 0 * Inductance Range from 10 H to 100 mH * L & Q measured with HP4195 * Transfer-Molded Epoxy
Electrical Specifications @ 25C
PCA Part Number EP4852 EP4853 EP2890 EP4854 EP4855 EP4856 EP4857 EP4820 EP3001 EP4858 EP4859 EP4860 EP2629A EP4861 EP4797 EP4862 EP4863 EP4864 EP4865 EP2930 EP4866 EP3006 EP4867 EP4868 EP4869 OCL (mH 10%) .010 .015 .022 .033 .047 .068 .100 .150 .220 .330 .470 .680 1.00 1.50 2.20 3.30 4.70 6.8 10 15 22 33 47 68 100 DCR ( Max.) 0.34 0.48 0.67 0.97 1.3 1.8 2.55 3.7 5 7.3 9.9 14 20 28 39 55 76 100 140 200 280 400 550 760 1100 Test Voltage 0.0005 0.0005 0.0005 0.0005 0.0005 0.001 0.001 0.001 0.001 0.005 0.005 0.005 0.01 0.01 0.01 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.1 0.1 0.1 DC Current (mA Max..) 500 500 500 500 500 500 420 330 260 200 160 130 100 78 62 49 39 31 24 19 15 12 9.4 7.6 6 Resonant Frequency 15 MHz 12.5 MHz 10 MHz 8.2 MHz 6.8 MHz 5.6 MHz 4.6 MHz 3.7 MHz 3.0 MHz 2.4 MHz 2.0 MHz 1.7 MHz 1.4 MHz 1.12 MHz 920 KHz 750 KHz 620 KHz 520 KHz 420 KHz 340 KHz 280 KHz 230 KHz 190 KHz 155 KHz 130 KHz Q (Min.) 22 21 20 19 18 17 17 39 38 38 37 37 36 39 37 35 34 32 31 32 27 21 18 15 12 Test Frequency 3.5 MHz 2.5 MHz 2.5 MHz 2.5 MHz 2.5 MHz 2.5 MHz 2.5 MHz 790 KHz 790 KHz 790 KHz 790 KHz 790 KHz 790 KHz 250 KHz 250 KHz 250 KHz 250 KHz 250 KHz 250 KHz 79 KHz 79 KHz 79 KHz 79 KHz 79 KHz 79 KHz
Schematic
1 2
Package
.345 (8.76) .245 (6.22) .018/.022 (.457/.559) .100 (2.54)
1.50 (38.10)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CS48XX Rev. 1 1/30/08 RR
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EP4820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X